Part Number Hot Search : 
MT90528 D4069UBC ADP2301 E006914 D882S KN3905S PCA9554A 1SMC15A
Product Description
Full Text Search
 

To Download TSM5NS50CPRO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSM5NS50
500V N-Channel Power MOSFET
PRODUCT SUMMARY
Pin Definition: 1. Gate 2. Drain 3. Source
TO-252
VDS (V)
500
RDS(on)()
0.8 @ VGS = 10V
ID (A)
4
Features
Low R DS(on) Low Gate Charge Unclamped Inductive Switching (UIS) Rated
Block Diagram
Application
Load Switch Ballast Lighting
Ordering Information
Part No.
TSM5NS50CP RO
Package
TO-252
Packing
T&R
N-Channel MOSFET
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Pulsed Drain Current Repetitive Avalanche Current Energy Avalanche Maximum Power Dissipation Operating Junction Temperature Operating Junction and Storage Temperature Range Ta = 25 C
o
Symbol
VDS VGS ID IDM IAR EAS PD TJ TJ, TSTG
Limit
500 20 4.4 20
Unit
V V A A A mJ W
o o
5 150 70
+150 -55 to +150
C C
Thermal Performance
Parameter
Thermal Resistance - Junction to Case Thermal Resistance - Junction to Ambient Notes: a. When mounted on 1 inch square 2oz copper clad FR-4
Symbol
RJC RJA
Limit
1.78 62
Unit
o o
C/W C/W
1/6
Version: A07
TSM5NS50
500V N-Channel Power MOSFET
Electrical Specifications
Parameter
Static Drain-Source Breakdown Voltage Gate Threshold Voltage Gate Body Leakage Zero Gate Voltage Drain Current Drain-Source On-State Resistance Diode Forward Voltage Dynamic
b a
Conditions
VGS = 0V, ID = 250A VDS = VGS, ID = 250A VGS = 20V, VDS = 0V VDS = 500V, VGS = 0V VGS = 10V, ID = 4.0A IS = 4.4A, VGS = 0V
Symbol
BVDSS VGS(TH) IGSS IDSS RDS(ON) VSD Qg Qgs Qgd Ciss Coss Crss td(on)
Min
500 2 ----------------
Typ
----0.7 1.0 13 3 6 400 120 40 6 3 50 10 250
Max
-4 100 1.0 0.8 1.5 ----------00
Unit
V V nA A V
Total Gate Charge Gate-Source Charge Gate-Drain Charge Input Capacitance Output Capacitance Reverse Transfer Capacitance Switching
c
VDS = 520V, ID = 4.4A, VGS = 10V VDS = 25V, VGS = 0V, f = 1.0MHz
nC
pF
Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Source-to-Drain Reverse Recovery IS = 4.4A, Time di/dt = 100A/uS Notes: a. Pulse test: pulse width <=300uS, duty cycle <=2% b. For design reference only, not subject to production testing. c. Switching time is essentially independent of operating temperature. VGS = 10V, ID = 4.4A, VDS = 350V, RG = 25
tr td(off) tf tr
nS
nS
2/6
Version: A07
TSM5NS50
500V N-Channel Power MOSFET
Electrical Characteristics Curve (Ta = 25 oC, unless otherwise noted)
Output Characteristics Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
3/6
Version: A07
TSM5NS50
500V N-Channel Power MOSFET
Electrical Characteristics Curve (Ta = 25 oC, unless otherwise noted)
On-Resistance vs. Gate-Source Voltage Threshold Voltage
Maximum Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
4/6
Version: A07
TSM5NS50
500V N-Channel Power MOSFET
SOT-252 Mechanical Drawing
TO-252 DIMENSION DIM A A1 B C D E F G G1 G2 H I J K L M MILLIMETERS MIN MAX 2.3BSC 4.6BSC 6.80 5.40 6.40 2.20 0.00 5.20 0.75 0.55 0.35 0.90 2.20 0.50 0.90 1.30 7.20 5.60 6.65 2.40 0.20 5.40 0.85 0.65 0.65 1.50 2.80 1.10 1.50 1.70 INCHES MIN MAX 0.09BSC 0.18BSC 0.268 0.213 0.252 0.087 0.000 0.205 0.030 0.022 0.014 0.035 0.087 0.020 0.035 0.051 0.283 0.220 0.262 0.094 0.008 0.213 0.033 0.026 0.026 0.059 0.110 0.043 0.059 0.67
5/6
Version: A07
TSM5NS50
500V N-Channel Power MOSFET
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
6/6
Version: A07


▲Up To Search▲   

 
Price & Availability of TSM5NS50CPRO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X